Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

183 Fiches technique(PDF) 13 Page - Abbatron All Rights Reserved

No de pièce 183
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

183 Fiches technique(HTML) 13 Page - Abbatron All Rights Reserved

Back Button 183 Datasheet HTML 9Page - Abbatron All Rights Reserved 183 Datasheet HTML 10Page - Abbatron All Rights Reserved 183 Datasheet HTML 11Page - Abbatron All Rights Reserved 183 Datasheet HTML 12Page - Abbatron All Rights Reserved 183 Datasheet HTML 13Page - Abbatron All Rights Reserved 183 Datasheet HTML 14Page - Abbatron All Rights Reserved 183 Datasheet HTML 15Page - Abbatron All Rights Reserved 183 Datasheet HTML 16Page - Abbatron All Rights Reserved 183 Datasheet HTML 17Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Dual Instrument Test Adapters
11
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
1682
•
Insulated dual binding posts to standard dual banana
plugs.
•
ABS body contains banana jack holes for side stacking.
Banana plug springs are beryllium copper.
•
Available in black body; one red, one black binding post head.
Standard 3/4" centers.
1686
•
BNC coaxial jack to dual banana plugs.
•
ABS body contains banana jack holes for side stacking.
Banana plug springs are beryllium copper.
•
Available in black body; one red, one black binding post head.
Standard 3/4" centers.
1687
•
BNC coaxial plug to standard dual banana plugs.
•
ABS body contains banana jack holes for side stacking.
Standard 3/4" centers.
1688
•
Insulated dual binding posts to male BNC coaxial connector.
MIL UG-144/U style.
•
ABS body contains banana jack holes for side stacking.
Standard 3/4" centers.
1689
•
Insulated dual binding posts to BNC coaxial jack.
•
ABS body contains banana jack holes for side stacking.
Available in black body; one red, one black binding post
head. Standard 3/4" centers.
1686
1687
1682
1688
1689
Ratings:
•
Rated at 15 Amps AC, for 10oC temperature rise,
continuous duty, except where limited by coaxial
connectors.
•
5KV, 60 cycle AC continuous working voltage,
except where limited by coaxial connectors.
•
Capacitance: 1.0 pf between conductors.
•
Resistance: 1 Milliohm or less per conductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60