Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2136 Fiches technique(PDF) 23 Page - Abbatron All Rights Reserved

No de pièce 2136
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

2136 Fiches technique(HTML) 23 Page - Abbatron All Rights Reserved

Back Button 2136 Datasheet HTML 19Page - Abbatron All Rights Reserved 2136 Datasheet HTML 20Page - Abbatron All Rights Reserved 2136 Datasheet HTML 21Page - Abbatron All Rights Reserved 2136 Datasheet HTML 22Page - Abbatron All Rights Reserved 2136 Datasheet HTML 23Page - Abbatron All Rights Reserved 2136 Datasheet HTML 24Page - Abbatron All Rights Reserved 2136 Datasheet HTML 25Page - Abbatron All Rights Reserved 2136 Datasheet HTML 26Page - Abbatron All Rights Reserved 2136 Datasheet HTML 27Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Insulated Banana Plugs
21
289
Shrouded Safety Banana Plug
•
Brass body has beryllium copper caged spring and is gold
plated.
•
Housing is molded nylon type 6/6.
•
Plug is supplied unassembled for immediate application.
Available in red (-102) or black (-103).
•
Each plug shown below has a special feature and each
is machined from brass and is nickel plated. Insulating
material is indicated in table.
•
Available in red (-102) or black (-103). Please add color
as suffix to part number.
PART NO.
ILLUS.
TYPE
HANDLE
WIRING
RATING
255
A
Right Angle
ABS
Solder Well
10 Amps - 1KV
285
B
Giant
Nylon
Solder Well
25 Amps - 2KV
A
B
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60