| Moteur de recherche de fiches techniques de composants électroniques |
|
DS723PLUS Fiches technique(PDF) 1 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS723PLUS Fiches technique(HTML) 1 Page - Synology Inc. |
|
1 / 8 page ![]() DATASHEET | DiskStation DS723+ Highlights • Dependable Performance Up to 471/225 MB/s sequential read/write throughput makes file operations quick and efficient1 • Versatile Network Storage Leverage built-in file and photo management, data protection, virtualization, and surveillance solutions • Fast and Stable Connectivity Two 1GbE ports for simple integration into existing environments with optional 10GbE connectivity2 to tackle more specialized, bandwidth-heavy applications • Easy Capacity Expansion Add 5 extra drive bays with one DX517 expansion unit for a maximum of 7 storage drives3 • Extendable Product Support Backed by Synology's 3-year limited hardware warranty, extendable to 5 years in select markets4,5 Compact and Capable Storage for Homes and Small Business The Synology DS723+ is a 2-bay compact and flexible NAS solution that can be adjusted and expanded as your needs change, with optional support for up to seven drives, faster networking, and NVMe SSDs for caching or additional storage pools. Powered by Synology DiskStation Manager (DSM), it offers a flexible all-in-one solution for data sharing, synchronization, backup, and surveillance. DiskStation DS723+ |
Numéro de pièce similaire - DS723PLUS |