| Moteur de recherche de fiches techniques de composants électroniques |
|
91103 Fiches technique(PDF) 36 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
91103 Fiches technique(HTML) 36 Page - Abbatron All Rights Reserved |
|
36 / 60 page ![]() Wire & Cable Clamps Fahnestock Clips • Fahnestock clips are made of nickel plated spring brass and designed for screw-on application as indicated in table. • Type 539 Fahnestock clip has an additional hole for wire soldering. PART NO. A B MOUNTING 539 9/16 .41 #4 Hole 533 1-1/16 .88 #6 Hole CHASSIS LENGTH A B 938 SR-3P-4 SPT-1 .12X.22 7/16 25/64 1/16 13/32 939 SR-5N-4 SV,SVT,HPD 1/4X19/64 Dia. 1/2 29/64 1/16 7/16 823 SR-6N-4 SJ,SJT,SJO .330-.360 Dia. 5/8 35/64 1/16 37/64 PART NO. USE WITH WIRE TYPES UL & CSA STYLES DIMENSIONS CHASSIS HOLE ACROSS FLATS APPROX. CABLE SIZES • Wire strain relief clamps are made of black nylon, type 6/6, and are offered in right angle or straight-through styles. • One piece, these easy to install reliefs absorb pull and twist stress on power cords. They fully insulate and permanently anchor the power cord. • U.L. and CSA recognized components. Wire Strain Reliefs 34 HH Smith • See our website @ www.abbatron.com for a full list of cable clamps. |