| Moteur de recherche de fiches techniques de composants électroniques |
|
CAB3R5M12DM4 Fiches technique(PDF) 7 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
CAB3R5M12DM4 Fiches technique(HTML) 7 Page - WOLFSPEED, INC. |
|
7 / 12 page ![]() CAB3R5M12DM4 7 Rev. 1, DECEMBER 2024 © 2024 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. The information in this document is subject to change without notice. 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power Figure 20. Continuous Drain Current Derating vs. Case Temperature Typical Performance Figure 21. Maximum Power Dissipation Derating vs. Case Temperature Figure 22. Typical Output Current Capability vs. Switching Frequency (Inverter Application) 0 200 400 600 800 1000 1200 1400 1600 -50 -25 0 25 50 75 100 125 150 Case Temperature, TC (°C) Conditions: TVJ ≤ 175 °C 0 50 100 150 200 250 300 350 400 450 500 -50 -25 0 25 50 75 100 125 150 Case Temperature, TC (°C) Conditions: TVJ ≤ 175 °C 0 50 100 150 200 250 300 350 400 450 0 10 20 30 40 50 60 70 80 90 100 110 Switching Frequency, FS (kHz) VDD = 800 V TC = 90 °C TVJ = 175 °C MF = 1 RG(EXT) = 0 Ω Figure 19. Switching Safe Operating Area 0 100 200 300 400 500 600 700 800 900 0 200 400 600 800 1000 1200 1400 Operating Voltage, VDD (V) Conditions: TVJ = 175 °C LStray-Bussing = 6.5 nH LStray-Module = 10.9 nH Chip Module - Turn-off (0.0 Ω) Module - Turn-on (0.0 Ω) |