Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3161 Fiches technique(PDF) 16 Page - Carclo Technical Plastics Limited

No de pièce 3161
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COIL [Carclo Technical Plastics Limited]
Site Internet  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

3161 Fiches technique(HTML) 16 Page - Carclo Technical Plastics Limited

Back Button 3161 Datasheet HTML 12Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 13Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 14Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 15Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 16Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 17Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 18Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 19Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 20Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
POPULAR
MAGNIFIERS CLASSIC BLACK RANGE
All the above magnifiers have an image vergence of -4.0D
* Nominal magnification is defined as 1+ Power/4 according to BS EN ISO 15253: 2000
ASPHERIC HAND READERS
All the magnifiers opposite have an image vergence of -4.0D
AHR = Aspheric Hand Reader
* Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4).
For latest product information refer to the COIL website: www.coil.co.uk
Product
Description
Dioptres/Mag*
Lens Diameter
Effective Focal
Field of View
Code
(mm)
Length (mm)
on Page (mm)
5428
Cataract Aspheric Stand Reader
17.7D / 5.4x
47.0
56.6
25
5472
Large Aspheric Stand Reader
7.3D / 2.8x
98 x 74
137.7
72 x 86
5123
L.V.A. Aspheric Stand Reader
24D / 7x
36.0
41.3
30
5474
Small Aspheric Stand Reader
10.0D / 3.5x
64 x 52
100.2
65 x 70
16
www.coil.co.uk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24