| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R10 Fiches technique(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R10 Fiches technique(HTML) 2 Page - Omron Electronics LLC |
|
2 / 14 page ![]() E3Z -@-IL@ 2 Note: Please contact your OMRON sales representative regarding the IO-Link setup file (IODD file). Accessories (Sold Separately) Slit (A Slit is not provided with Through-beam Sensors) Order a Slit separately if required. Reflectors (Reflector required for Retroreflective Sensors) A Reflector is not provided with the Sensor. Be sure to order a Reflector separately. Note:1. If you use the Reflector at any distance other than the rated distance, make sure that the stability indicator lights properly when you install the Sensor. 2. Refer to Reflectors on E39-L/E39-S/E39-R on your OMRON website for details. * Values in parenthese indicate the minimum required distance between the Sensor and Reflector. Sensing method Appearance Connection method Sensing distance Baud rate Model PNP Diffuse-reflective Pre-wired (2 m) COM2 E3Z-D82-IL2 2M Pre-wired M12 connector E3Z-D82-M1TJ-IL2 0.3M Standard M8 connector E3Z-D87-IL2 Pre-wired (2 m) COM3 E3Z-D82-IL3 2M Pre-wired M12 connector E3Z-D82-M1TJ-IL3 0.3M Standard M8 connector E3Z-D87-IL3 Pre-wired (2 m) COM2 E3Z-L81-IL2 2M Pre-wired M12 connector E3Z-L81-M1TJ-IL2 0.3M Standard M8 connector E3Z-L86-IL2 Pre-wired (2 m) COM3 E3Z-L81-IL3 2M Pre-wired M12 connector E3Z-L81-M1TJ-IL3 0.3M Standard M8 connector E3Z-L86-IL3 Slit width Sensing distance Minimum detectable object (Reference value) Model Contents E3Z-T @@ 0.5-mm dia. 50 mm 0.2-mm dia. E39-S65A One set (contains Slits for both the Emitter and Receiver) 1-mm dia. 200 mm 0.4-mm dia. E39-S65B 2-mm dia. 800 mm 0.7-mm dia. E39-S65C 0.5 × 10 mm 1 m 0.2-mm dia. E39-S65D 1 × 10 mm 2.2 m 0.5-mm dia. E39-S65E 2 × 10 mm 5 m 0.8-mm dia. E39-S65F Name Sensing distance * Model Quantity Remarks E3Z-R Rated value Reference value Reflector 3 m (100 mm) --- E39-R1 1 • Reflectors are not provided with Retro-reflective models. • The MSR function of the E3Z-R @ is enabled. 4 m (100 mm) --- E39-R1S 1 --- 5 m (100 mm) E39-R2 1 --- 2.5 m (100 mm) E39-R9 1 --- 3.5 m(100 mm) E39-R10 1 Fog Preventive Coating --- 3 m (100 mm) E39-R1K 1 Small Reflector --- 1.5 m (50 mm) E39-R3 1 Tape Reflector --- 700 mm (150 mm) E39-RS1 1 --- 1.1 m (150 mm) E39-RS2 1 --- 1.4 m (150 mm) E39-RS3 1 Red light Infrared light 1 m 90 mm (narrow beam) |