| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R2 Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R2 Fiches technique(HTML) 7 Page - Omron Electronics LLC |
|
7 / 14 page ![]() E3Z -@-IL@ 7 I/O Circuit Diagrams Timing Chart Output circuit *1. The operation mode can be changed by the IO-Link communications. *2. The timer function can be set up using the IO-Link communications for control output 1 and 2 separately. (It is able to select ON delay, OFF delay, or one-shot function and select a timer time of 1 to 4000 ms (T).) *3. In the IO-Link mode, if the ON/OFF speed of the sensor is slow, high- speed response of 1 ms or less can be realized using control output 2 as a sensor. *4. The judgment time for the instability detection diagnosis can be selected using the IO-Link communications. (For the ON delay timer function to detect instability, the setting can be selected from 0 (invalid), 10, 50, 100, 300, 500, or 1000 ms. *5. The judgment condition for the light receiving/non-light receiving instability detection function can be selected using the IO-Link communications. (Setting of light receiving instability detection threshold: 500%/400%/300%/200%/140%, setting of non-light receiving instability detection threshold: 70%/50%) ON-delay OFF-delay One shot Present Not present 1 0 1 0 T T Sensing object L ON D ON ON OFF ON OFF T T Present Not present 1 0 1 0 Sensing object L ON D ON ON OFF ON OFF T T Present Not present 1 0 1 0 Sensing object L ON D ON ON OFF ON OFF L ON Opera- tion mode *1 Output mode D ON L ON Standard I/O mode (SIO mode) IO-Link mode D ON ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF Stability indicator (green) *5 Operation indicator (orange) Control output 1 *2 Control output 2 *2 Control output 1 *2 Control output 2 *2 Stability indicator (green) *5 Operation indicator (orange) Flashing (1 s cycle) ON OFF 1 0 ON OFF 1 0 1 0 Flashing (1 s cycle) ON OFF 1 0 ON OFF Communication indicator (green) Operation indicator (orange) Control output 1 (Byte1_bit0) *2 Control output 2 *2 *3 Instability detection (Light receiving) (Byte1_bit4) *4*5 Instability detection (Non-light receiving) (Byte1_bit3)*4*5 Communication display lamp (green) Operation display lamp (orange) Control output 1 (Byte1_bit0) *2 Control output 2 *2 *3 Instability detection (Light receiving) (Byte1_bit4) *4*5 Instability detection (Non-light receiving) (Byte1_bit3)*4*5 0 1 0 1 Unstable operation zone Stable operation zone Stable operation zone Note: Please contact your OMRON sales representative regarding assignment of data. Connector Pin Arrangement 1 2 4 3 Pre-wired M12 connector E3Z- @81-M1TJ-IL@ E3Z- @82-M1TJ-IL@ E3Z-T81-D-M1TJ-IL @ Standard M8 connector E3Z- @86-IL@ E3Z- @87-IL@ E3Z-T86-D-IL @ 2 4 1 3 L+ DO C/Q L- Brown Black White Blue Photoelectric Sensor 10 to 30VDC 0V Load Load 1 4 2 3 L+ DO C/Q L- L+ DI C/Q L- Brown Black White Blue Photoelectric Sensor 1 4 2 3 IO-Link master When using the Sensor connected to IO-Link Master Unit When using as a general sensor Reflective / Receiver of Through-beam Model E3Z- @8@-IL@ Connector Pin Arrangement 1 2 4 3 E3Z-T81-L-M1TJ-IL □ E3Z-T86-L-IL □ 2 4 1 3 Note: Pins 2 is not used. Note: Pins 2 is not used. Emitter of Through-beam Model E3Z-T8 @-L-IL@ L+ C/Q L- Photoelectric Sensor 10 to 30VDC 0V 1 4 3 L+ C/Q L- L+ C/Q L- Brown Black Blue Brown Black Blue Photoelectric Sensor 1 4 3 IO-Link master When using the Sensor connected to IO-Link Master Unit When using as a general sensor |