| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-2-IOL-0002 Fiches technique(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
USB-2-IOL-0002 Fiches technique(HTML) 21 Page - Omron Electronics LLC |
|
21 / 24 page ![]() NXR-ILM08C-ECT 21 Power supply with through wiring An example is shown below. Connect the external power supplies to the power supply connector (input) of one IO-Link Master Unit. Then, connect the power supply connector (output) of the Unit to the power supply connector (input) of another IO-Link Master Unit with a power supply cable. In this way, connect a power supply cable between the subsequent Units with through-wiring one after another. Description Feature Connect the external power supplies to the power supply connector (input) of one IO-Link Master Unit. Then, connect the power supply connector (output) of the Unit to the power supply connector (input) of another IO-Link Master Unit with a power supply cable. In this way, supply power with through-wiring between the subsequent Units with power supply cables. The power supply connector (output) is used. Through-wiring can reduce the overall length of the power supply cables used in the system. Power supply connector (output) (PWR OUT) Power supply cable between Units Power supply connector (input) (PWR IN) Power supply cable Unit/input power supply Output power supply Power supply cable between Units IO-Link Master Unit IO-Link Master Unit IO-Link Master Unit Power supply cable I/O connectors (P1 to P8) Power supply connector (input) (PWR IN) To external devices Power supply connector (output) (PWR OUT) Unit/input power supply Output power supply Internal circuits Internal circuits Internal circuits |