| Moteur de recherche de fiches techniques de composants électroniques |
|
E3Z-R81-M1TJ-IL2 Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R81-M1TJ-IL2 Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 14 page ![]() 1 IO-Link Photoelectric Sensor E3Z -@-IL@ IO-Link Makes Sensor Level Information Visible and Solves the Three Major Issues at Manufacturing Sites! Standard Photoelectric Sensor. • Downtime can be reduced. • Notifies you of faulty parts and changing conditions in the Sensor in real time. • The frequency of sudden failure can be decreased. • The incident light level monitor prevents false detection before it happens. • The efficiency of changeover can be improved. • The batch check for individual sensor IDs significantly decreases commissioning time. • Three types of sensing methods and three types of connection methods are available. Ordering Information IO-Link Model / Sensors [Refer to Dimensions on page 10.] Note: Please contact your OMRON sales representative regarding the IO-Link setup file (IODD file). *1. The Reflector is sold separately. Select the Reflector model most suited to the application. *2. The sensing distance specified is possible when the E39-R1S is used. Values in parentheses indicate the minimum required distance between the Sensor and Reflector. *3. Through-beam Sensors are sold in sets that include both the Emitter and Receiver. Sensing method Appearance Connection method Sensing distance Baud rate Model PNP Through-beam (Emitter + Receiver) *3 Pre-wired (2 m) COM2 E3Z-T81-IL2 2M Pre-wired M12 connector E3Z-T81-M1TJ-IL2 0.3M Standard M8 connector E3Z-T86-IL2 Pre-wired (2 m) COM3 E3Z-T81-IL3 2M Pre-wired M12 connector E3Z-T81-M1TJ-IL3 0.3M Standard M8 connector E3Z-T86-IL3 Retro-reflective with MSR function *1 Pre-wired (2 m) *2 COM2 E3Z-R81-IL2 2M Pre-wired M12 connector E3Z-R81-M1TJ-IL2 0.3M Standard M8 connector E3Z-R86-IL2 Pre-wired (2 m) COM3 E3Z-R81-IL3 2M Pre-wired M12 connector E3Z-R81-M1TJ-IL3 0.3M Standard M8 connector E3Z-R86-IL3 For the most recent information on models that have been certified for safety standards, refer to your OMRON website. Be sure to read Safety Precautions on page 9. Red light Infrared light 15 m 4 m (100 mm) (When using E39-R1S) |
Numéro de pièce similaire - E3Z-R81-M1TJ-IL2 |
|
Description similaire - E3Z-R81-M1TJ-IL2 |