| Moteur de recherche de fiches techniques de composants électroniques |
|
E3Z-R81-IL2 Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R81-IL2 Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 14 page ![]() E3Z -@-IL@ 10 Dimensions Sensors * Models numbers for Through-beam Sensors (E3Z-T @@) are for sets that include both the Emitter and Receiver. The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-T81-IL @-L 2M), the model number of the Receiver, by adding "-D" (example: E3Z-T81-IL @-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers. (Unit: mm) Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified. Through-beam Models * Pre-wired Models E3Z-T81-IL @ 20 20 12 3 2.8 25.4 12.7 4 dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm), Standard length: 2 m Two, M3 Power indicator/ IO-Link communication indicator (green) Emitter Lens 11 2.1 31 31 10.8 10.8 7.2 Pins 2 is not used. Terminal No. Specifi- cations 1+V 2 --- 30V 4 Output C/Q 1 3 2 4 dia. vinyl-insulated round cable Standard length: 0.3 m Pre-wired M12 connector (E3Z-T @@-M1TJ) 4 M12×1 20 20 3 2.8 25.4 12.7 4 dia. vinyl-insulated round cable with 4 conductors (Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm), Standard length: 2 m Two, M3 4.5 11.2 Operation Indicator (orange) 7.5 Sensitivity adjuster Operation selector Receiver Lens 11 2.1 31 31 10.8 10.8 7.2 Stability indicator/ IO-Link communication indicator (green) Terminal No. Specifi- cations 1+V 2 Output DO 30V 4 Output C/Q Through-beam Models * Connector Models E3Z-T86-IL @ M8 connector 10.4 Two, M3 Lens 11 9.75 Emitter 12 20 20 2.1 12.7 31 31 10.8 10.8 7.2 3 2.8 25.4 Power indicator/ IO-Link communication indicator (green) Pins 2 is not used. Terminal No. Specifi- cations 1+V 2 --- 30V 4 Output C/Q M8 connector 9.75 Lens Operation Indicator (orange) Sensitivity adjuster Operation selector Receiver Two, M3 2.8 25.4 4.5 11.2 7.5 12.7 20 20 10.8 10.8 7.2 10.4 11 2.1 31 31 3 Stability indicator/ IO-Link communication indicator (green) Terminal No. Specifi- cations 1+V 2 Output DO 30V 4 Output C/Q |