Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7299/01 Fiches technique(PDF) 13 Page - Carclo Technical Plastics Limited

No de pièce 7299/01
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COIL [Carclo Technical Plastics Limited]
Site Internet  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

7299/01 Fiches technique(HTML) 13 Page - Carclo Technical Plastics Limited

Back Button 7299/01 Datasheet HTML 9Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 10Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 11Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 12Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 13Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 14Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 15Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 16Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 17Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PROFESSIONAL
ILLUMINATED POCKET MAGNIFIER
Product
Magnification
Dioptres
Lens Diameter
Image
Effective Focal
Field of View
Code
(1+F/4)*
(mm)
Vergence
Length (mm)
on Page (mm)
5270
8.0D
3x
48.0
-4.0D
12.45
80.0
5146
16.0D
5x
48.0
-4.0D
62.95
50.0
5147
24.0D
7x
48.0
-4.0D
41.95
35.0
5148
32.0D
9x
48.0
-4.0D
31.46
24.0
5271
40.0D
11x
40.0
-4.0D
25.08
20.0
13
(with white styling)
Batteries not included
* Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24