| Moteur de recherche de fiches techniques de composants électroniques |
|
7269/30 Fiches technique(PDF) 13 Page - Carclo Technical Plastics Limited |
|
|
|||||||||||||||||||||||||||||
7269/30 Fiches technique(HTML) 13 Page - Carclo Technical Plastics Limited |
|
13 / 24 page ![]() PROFESSIONAL ILLUMINATED POCKET MAGNIFIER Product Magnification Dioptres Lens Diameter Image Effective Focal Field of View Code (1+F/4)* (mm) Vergence Length (mm) on Page (mm) 5270 8.0D 3x 48.0 -4.0D 12.45 80.0 5146 16.0D 5x 48.0 -4.0D 62.95 50.0 5147 24.0D 7x 48.0 -4.0D 41.95 35.0 5148 32.0D 9x 48.0 -4.0D 31.46 24.0 5271 40.0D 11x 40.0 -4.0D 25.08 20.0 13 (with white styling) Batteries not included * Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4) |