Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

607 Fiches technique(PDF) 32 Page - Abbatron All Rights Reserved

No de pièce 607
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

607 Fiches technique(HTML) 32 Page - Abbatron All Rights Reserved

Back Button 607 Datasheet HTML 28Page - Abbatron All Rights Reserved 607 Datasheet HTML 29Page - Abbatron All Rights Reserved 607 Datasheet HTML 30Page - Abbatron All Rights Reserved 607 Datasheet HTML 31Page - Abbatron All Rights Reserved 607 Datasheet HTML 32Page - Abbatron All Rights Reserved 607 Datasheet HTML 33Page - Abbatron All Rights Reserved 607 Datasheet HTML 34Page - Abbatron All Rights Reserved 607 Datasheet HTML 35Page - Abbatron All Rights Reserved 607 Datasheet HTML 36Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
STUD SIZE
LENGTH
O.D.
WIDTH
HOLE
CNTR
A
L
B
C
D
E
1485-6
#6
1485-8
#8
1485-10
#10
1497
3/8
25/64
.016
7/8
7/32
5/64
1/2
1488-4
#4
1488-6
#6
1488-8
#8
5/16
3/16
3/32
5/16
1496
C
1/4
25/32
3/8
5/32
1/16
19/64
1410-4
#4
1410-6
#6
1410-8
#8
1410-10
#10
57/64
11/32
1410-14
1/4
7/16
3/16
1/2
1414-4
#4
1414-6
#6
1414-8
#8
1414-10
#10
53/64
11/32
1411-4
#4
1411-6
#6
1411-8
#8
1415-4
#4
1415-6
#6
1415-8
#8
1412-4
#4
1412-6
#6
1412-8
#8
1413-4
#4
1413-6
#6
1413-8
#8
1416-4
#4
1416-6
#6
1416-8
#8
1/16
5/16
1/4
41/64
.020
23/32
5/8
23/32
.018
5/16
G
G1
9/16
3/16
13/16
.010
E1
F
D1
5/16
A
B
D
9/16
.010
9/16
7/8
15/32
3/8
3/32
3/16
1/4
7/32
11/64
23/64
5/8
11/64
17/64
17/32
PART NO.
ILLUS
THKNS.
E
47/64
5/16
5/32
5/32
1/16
Solder Lugs
30
E
E1 F G
G1
A
B
C
D D1
HH Smith
•
Made of brass material.
•
Tin finish
•
Bent lugs have the same configuration as
the flat lug shown in the adjacent drawing,
with the bend details as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60