| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT88430 Fiches technique(PDF) 8 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT88430 Fiches technique(HTML) 8 Page - Qorvo, Inc |
|
8 / 74 page ![]() Data Sheet Rev. G, August 2021 | Subject to change without notice 8 of 74 www.qorvo.com © 2020 Qorvo US, Inc. All rights reserved. Confidential ACT88430 Advanced PMU for Microcontrollers and Solid State Drive Applications ® 31 G1, G2 SW_B4 Switch Pin for BUCK4 Regulator. 32 F1 VIN_B4 Dedicated VIN power input for BUCK4 Regulator. 33 F4 GPIO Configurable General purpose input/open drain output. 34 E4 PG Power Good Output. This pin is configurable. Open Drain Output. 35 E3 FB_B1 Feedback for BUCK1 Regulator. Connect to the BUCK1 output. 36 D3 VIN Analog Input supply monitored by POK thresholds. 37,38 D1, D2, E1, E2 VIN_B1 Dedicated VIN power input for BUCK1 Regulator. 39,40 B1, B2, C1, C2 SW_B1 Switch pin for BUCK1 Regulator. |