| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT5101 Fiches technique(PDF) 13 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5101 Fiches technique(HTML) 13 Page - Qorvo, Inc |
|
13 / 59 page ![]() Data Sheet Rev. E, November 2019 | Subject to change without notice 13 of 59 www.qorvo.com © 2020 Qorvo US, Inc. All rights reserved. ACT510x 23V Buck-Boost Converter with Integrated MOSFETs When modifying only certain bits within a register, take care to not inadvertently change other bits. Inadvert- ently changing register contents can lead to unexpected IC behavior. STATE MACHINE ACT510x contains an internal state machine with three internal states: RESET, HIZ, and POWER ON. RESET State The IC enters the RESET state when power is applied. All registers are reset to their default values. I2C is not functional in RESET. The IC transitions to the HIZ state when VIN goes above 3.9V HIZ State HIZ mode is a low power state with the switching converter disabled. In this mode, I2C is active and the IC configuration can be changed. The IC enters HIZ from RESET and then either stays in HIZ or transitions to the POWER ON state. Note that the HIZ Register overrides the EN pin settings and may hold the IC in HIZ mode. See the HIZ section for more details. POWER ON State In the POWER ON state, the ACT510x transfers power from VIN to VOUT to provide a regulated output voltage. The IC enters this state with the EN pin or the EN_OVERRIDE register. Once in POWER ON, the IC follows the separate POWER ON State Machine. See the POWER ON State machine for more details. Figure 3: Operating Modes State Machine POWER ON STATE MACHINE The ACT510x has a dedicated POWER ON state machine. This state machine handles the startup, nor- mal operation and fault conditions. Reset State (RST) The POWER ON state machine always starts from the RST state. All converter operation starts from this state. In this state, the switcher is disabled and the state machine is waiting for all the required conditions to move to the SS state. HIZ Converter=DISABLED VREG=VREG_DIS REG POWER ON Converter=ENABLED VREG=VREG_DIS REG RESET Input Power applied and all registers reset to defaults HIZ Reg=0 AND EN Reg=1 AND ( EN Pin = HI OR EN_OVERRIDE Reg=1 ) HIZ Reg=1 OR EN Reg=0 OR (EN Pin = LOW AND EN_OVERRIDE Reg=0) OR (VOUT_OV AND 100ms) (VIN Pin <1V AND VOUT Pin<1V) VIN Pin > 3.9V |