| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT4533AB Fiches technique(PDF) 3 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT4533AB Fiches technique(HTML) 3 Page - Qorvo, Inc |
|
3 / 19 page ![]() Classification | PRIVATE Data Sheet Rev. B, January 2025 | Subject to change without notice 3 of 19 www.qorvo.com © 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information ACT4533A/B Wide Input Sensorless CC/CV Step-Down DC/DC Converter ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT IN to GND -0.3 to 40 V SW to GND -1 to VIN +1 V HSB to GND VSW - 0.3 to VSW +7 V FB, ISET, COMP to GND -0.3 to +6 V Junction to Ambient Thermal Resistance 46 °C/W Operating Junction Temperature -40 to 150 °C Storage Junction Temperature -55 to 150 °C Lead Temperature (Soldering 10 sec.) 300 °C : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |