Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KYS Fiches technique(PDF) 2 Page - Pro-Power

No de pièce KYS
Description  Thin-Wall, Modified PVDF Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROPOWER [Pro-Power]
Site Internet  
Logo PROPOWER - Pro-Power

KYS Fiches technique(HTML) 2 Page - Pro-Power

  KYS Datasheet HTML 1Page - Pro-Power KYS Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
23/05/17
KYS Series Irradiated
Thin-Wall, Modified PVDF Heat Shrink Tubing
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Dimensions
Standard Packages
Size
(Inch)
Expanded
I.D. (Min.)
(Inch)
Recovered
I.D. (Max.)
(Inch)
Recovered
Nominal
Wall
Thickness
(Inch)
4 Foot Lengths (+1, -0)
6 Inch Lengths (± .125)
Part Number
Qty
Total
Footage
(Feet)
Part Number
Qty
Total
Footage
(Feet)
General
Purpose KYS
Series PVDF
Heat Shrink
Tubing
3/64
0.046
0.023
0.01
KYS-003-4025-CLR
25
100
N/A
-
-
1/16
0.063
0.031
KYS-004-4025-CLR
KYS-004-6028-CLR
28
14
3/32
0.093
0.046
KYS-006-4025-CLR
KYS-006-6024-CLR
24
12
1/8
0.125
0.062
KYS-008-4025-CLR
KYS-008-6020-CLR
20
10
3/16
0.187
0.093
KYS-012-4025-CLR
KYS-012-6016-CLR
16
8
1/4
0.25
0.125
0.012
KYS-016-4025-CLR
KYS-016-6012-CLR
12
6
3/8
0.375
0.187
KYS-024-4025-CLR
KYS-024-6008-CLR
8
4
1/2
0.5
0.25
KYS-032-4005-CLR
5
20
KYS-032-6004-CLR
4
2
3/4
0.75
0.375
0.017
KYS-048-4005-CLR
KYS-048-6002-CLR
2
1



Html Pages

1 2