Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E3JM-R4M4-G Fiches technique(PDF) 9 Page - Omron Electronics LLC

No de pièce E3JM-R4M4-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4-G Fiches technique(HTML) 9 Page - Omron Electronics LLC

Back Button E3JM-R4M4-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
E3JM
Reflectors
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
Materials: Reflective side: PMMA (Acrylic resin)
Back side: ABS resin
29
4.5
6
R20
3.4
7
18.45
22.9
11
20
0.2
0.2
16
22.5
19.3
34
38
34.8
Two, M3
41.8
10.1
1.2
25.4
R25.4
3.2
10˚
1.2
2.6
Stainless steel
(SUS304)
Adhesive
Two, 3.2 dia.
13.7
14˚
3.4
Two, M3
11
20
0.2
22.5
19.3
34.8
38
34.8
25.4
1.2
2.6
Adhesive
35
Four, R1
Adhesive
0.5
10
Four, R1
40
0.5
35
Adhesive
80
Four, R1
70
0.5
Adhesive
E39-R1 (Provided with Retro-reflective Models)
Small Reflector (Order Separately)
E39-R3
Tape Reflectors (Order Separately)
E39-RS1
E39-RS2
E39-RS3
Materials: Acrylic
Materials: Acrylic
Materials: Acrylic
Materials: Reflective side: PMMA (Acrylic resin)
Back side: ABS resin
14
20
26.5
1±0.1
Seal-type Long Slit
E39-S39
Materials: Polyester
0.1-mm thick



Html Pages

1 2 3 4 5 6 7 8 9 10