Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A029103 Fiches technique(PDF) 5 Page - APEM

No de pièce A029103
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

A029103 Fiches technique(HTML) 5 Page - APEM

  A029103 Datasheet HTML 1Page - APEM A029103 Datasheet HTML 2Page - APEM A029103 Datasheet HTML 3Page - APEM A029103 Datasheet HTML 4Page - APEM A029103 Datasheet HTML 5Page - APEM A029103 Datasheet HTML 6Page - APEM A029103 Datasheet HTML 7Page - APEM A029103 Datasheet HTML 8Page - APEM A029103 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
G-20
APEM
www.apem.com
A02 series
Rotary switches
Panel cut-out Ø 22 (.866)
G
(.827)
(1.142)
(1.319)
29.00
21.00
33.50
29.00x29.00
(1.142 SQ)
Ø29.00
(1.142 DIA)
A rotary lever assembly requires
:
operator + one or two switch blocks.
To order these elements, select desired model numbers from tables below.
Example
: IP65 square 2 position maintained rotary switch with long lever, clockwise rotation,
switch block with 2 N.O. contacts = A029107 and A02503UL.
N.C.
N.O.
N.O./N.C.
❶
❷
C
B
A
• Lever Rotation - 2 position switches
The model numbers shown are for switches
with clockwise lever rotation.
For anticlockwise rotation, replace :
07
with
01
08
with
02
at the end of the model number.
To order, add “WL” to the end of the part No.
Example : A029407WL.
Operator
Switch block
Bezel:
square,
round,
Lever positions
Optional engraving
on lever end
Second switch block
To achieve 3 or 4 pole switching,
add second switch block, from
above table.
OPTION
To specify flush mounting (30 mm Ø) option,
add “FM” to the end of the part number (for
round operators only).
Example : A029407FM.
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Bezel
Description
Short lever
Long lever
2 pos. maintained
A029207
A029107•
2 pos. momentary
A029208
A029108•
3 pos. maintained
A029203
A029103
3 pos. momentary
A029204
A029104
3 pos. mainL, momR
A029205
A029105
3 pos. momL, mainR
A029206
A029106
2 pos. maintained
A029407
A029307•
2 pos. momentary
A029408
A029308•
3 pos. maintained
A029403
A029303
3 pos. momentary
A029404
A029304
3 pos. mainL, momR
A029405
A029305
3 pos. momL, mainR
A029406
A029306



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com