| Moteur de recherche de fiches techniques de composants électroniques |
|
EB051 Fiches technique(PDF) 1 Page - Matrix Technology Solutions Ltd |
|
|
|||||||||||||||||||||||||||||
EB051 Fiches technique(HTML) 1 Page - Matrix Technology Solutions Ltd |
|
|
1 / 1 page ![]() www.matrixmultimedia.com e BLOCKS TM learn design build EB421 Easy ZigbEE pack What does it do? This product is a bundle containing a selection of E-blocks development boards – including an internet board - as well as a professional version of Flowcode graphical development software. Benefits • Facilitates rapid development of embedded internet based projects Features • Ideal for Zigbee system development • Includes a full copy of Flowcode • Great for learning and project development Description This bundle includes everything you need to rapidly develop Zigbee based systems linked to microcontrol- ler hardware.The bundle includes a copy of Flowcode V3 professional, three E-blocks PICmicro microcontroller USB multiprogrammers, LCD board, LED board, switch board, three Zigbee boards, two sensor boards, power supply, and three 16F877A devices. Flowcode macros for rapid Zigbee development are available. Datasheets on each individual item are available separately. Product code descriPtion EB003 E-Blocks sensor interface x2 EB00400 E-Blocks LED board EB00500 E-Blocks LCD board EB00600 E-blocks USB Multiprogrammer x3 EB00700 E-Blocks Switch board EB051 E-blocks Zigbee board x3 Included in the bundle: EB355 E-Blocks User guide ELSAM ELSAM mini CD ROM HP16F877 PIC16F877A x3 HP459 I-Code SLI card HP5328 International power supply with adaptors x2 HPUSB USB lead TEFLCSI3 Flowcode V3 professional |
Numéro de pièce similaire - EB051 |
|
Description similaire - EB051 |