| Moteur de recherche de fiches techniques de composants électroniques |
|
AV22LB402 Fiches technique(PDF) 1 Page - APEM |
|
|
|||||||||||||||||||||||||||||
AV22LB402 Fiches technique(HTML) 1 Page - APEM |
|
1 / 20 page ![]() B-88 APEM www.apem.com AV series Anti-vandal and security pushbutton switches Distinctive features B ❑ Attractive, robust and durable • Irremovable • Anti-jamming construction : reduced travel to prevent insertion of foreign parts • Contact and mechanism protected against crushing • Fire resistant • Long life ❑ Sealed versions ❑ Degree of protection (switches mounted on vertical panels, as shown opposite) : - standard version : IP54 - sealed version : IP65 EXAMPLES OF MOUNTING FOR SEALED VERSIONS Preferred With boot U2187 (sect. H) ➞ O-ring Packaging unit : specified on the following pages. Mounting accessories : Standard and special hardware are presented in section I. |
Numéro de pièce similaire - AV22LB402 |
|
Description similaire - AV22LB402 |