| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1F30AS Fiches technique(PDF) 7 Page - Emerson Electric Co. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
HT1F30AS Fiches technique(HTML) 7 Page - Emerson Electric Co. All rights reserved. |
|
7 / 10 page ![]() 5 Non-Ventilated Automation Transformers Contact Technical Services at (800) 377-4384 with any questions. Visit our website at www.solahd.com. 230 Primary Voltage Interconnect Connect Lines to 277 H2 to H3 H1 & H6 240 H2 to H3 H1 & H5 208 H2 to H3 H1 & H4 120 H1 to H3 H2 to H5 H1 & H5 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS12 Series (1 kVA only) Primary Voltage Interconnect Connect Lines to 277 H4 to H5 H1 & H8 240 H3 to H6 H1 & H8 208 H2 to H7 H1 & H8 120 H1 to H6 H3 to H8 H1 & H8 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS12 Series Primary Voltage Interconnect Connect Lines to 504 H4 to H5 H1 & H8 492 H3 to H5 H1 & H8 480 H3 to H6 H1 & H8 468 H2 to H6 H1 & H8 456 H2 to H7 H1 & H8 252 H1 to H5 H4 to H8 H1 & H8 240 H1 to H6 H3 to H8 H1 & H8 228 H1 to H7 H2 to H8 H1 & H8 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS5 Series Primary Voltage Interconnect Connect Lines to 480 H2 to H3 H1 & H4 240 H1 to H3 H2 to H4 H1 & H4 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS1 Series Primary Voltage Interconnect Connect Lines to 504 H5 to H6 H1 & H10 492 H4 to H6 H1 & H10 480 H4 to H7 H1 & H10 468 H3 to H7 H1 & H10 456 H3 to H8 H1 & H10 444 H2 to H8 H1 & H10 432 H2 to H9 H1 & H10 252 H1 to H6 H5 to H10 H1 & H10 240 H1 to H7 H4 to H10 H1 & H10 228 H1 to H8 H3 to H10 H1 & H10 216 H1 to H9 H2 to H10 H1 & H10 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS5 Series Primary Voltage Interconnect Connect Lines to 480 H2 to H3 H1 & H4 240 H1 to H3 H2 to H4 H1 & H4 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS1 Series Electrical Connections (Single Phase) 240 X 480 Volt Primary 120/240 Volt Secondary Taps: None 15 17 240 X 480 Volt Primary 120/240 Volt Secondary Taps: None 240 X 480 Volt Primary 120/240 Volt Secondary Taps: 2, 2½% FCAN & FCBN 240 X 480 Volt Primary, 120/240 Volt Secondary Taps: 2, 2½% FCAN; 4, 2½% FCBN 18 16 120/208/240/277 Volt Primary 120/240 Volt Secondary Taps: None 19 120/208/240/277 Volt Primary 120/240 Volt Secondary Taps: None 20 Note: Connect the electrostatic shield to the equipment ground (green) or to both the equipment ground and the system ground (white). Specifications are subject to change without notice. = Earth Ground H1 H2 H3 H4 X1 X3 X2 X4 SHIELD H1 H2 H3 H4 H5 H6 H7 H8 SHIELD X1 X3 X2 X4 H1 H2 H3 H4 X1 X3 X2 X4 H1 H2 H3 H4 H5 H6 H7 H8 H9 H10 SHIELD X1 X3 X2 X4 H1 H2 H3 H4 H5 H6 SHIELD X1 X3 X2 X4 H1 H2 H3 H4 H5 H6 H7 H8 SHIELD X1 X3 X2 X4 |