Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS4101D Fiches technique(PDF) 4 Page - Positronic.

No de pièce FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Fiches technique(HTML) 4 Page - Positronic.

  FS4101D Datasheet HTML 1Page - Positronic. FS4101D Datasheet HTML 2Page - Positronic. FS4101D Datasheet HTML 3Page - Positronic. FS4101D Datasheet HTML 4Page - Positronic. FS4101D Datasheet HTML 5Page - Positronic. FS4101D Datasheet HTML 6Page - Positronic. FS4101D Datasheet HTML 7Page - Positronic. FS4101D Datasheet HTML 8Page - Positronic. FS4101D Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
CBDD/
CBHD
SERIES
Temperature Rise Curves ......................................................................................................................................................
1-2
GENERAL
INFORMATION
CBD/CBM Series Introduction ..............................................................................................................................................
3
Technical Characteristics ......................................................................................................................................................
4
Contact Variants ...................................................................................................................................................................
5
Standard Shell Assembly ......................................................................................................................................................
6
Code 2 Solder Cup Connector and
Code 3, 35, 36 and 37 Straight Printed Board Mount Connector ......................................................................................
7
Code 5, 55 and 57 Right Angle (90°) Printed Board Mount Connector ................................................................................
8
Code 5, 55 and 57 Shell Size 6 - Right Angle (90°) Printed Board Mount Connector ...........................................................
9
Code 7, 75 and 77 Metric System Right Angle (90°) Printed Board Mount Connector .........................................................
10
Right Angle (90°) and Straight Printed Contact Hole Pattern with
0.078 [1.98] ø, 0.094 [2.39] ø and 0.125 [3.18] ø Power Contacts ....................................................................................
11-12
Right Angle (90°) Printed Board Contact Hole Pattern with 0.125 [3.18] ø Power Contacts .................................................
13-14
Code 65 Straight Printed Board Mount Connector with FDS4201D or MDS4201D Shielded Contacts and
Code 85 Right Angle (90°) Printed Board Mount Connector with FDS4201D or MDS4201D Shielded Contacts ...............
15
Straight Printed Board Mount Contact Hole Pattern with
FDS4201D and MDS4201D Shielded Contacts ..................................................................................................................
16-17
Right Angle (90°) Printed Board Mount Contact Hole Pattern with
FRT4201D and MRT4201D Shielded Contacts...................................................................................................................
18-19
Code 93 Compliant Press-fit Connector and Temperature Rise Curve .................................................................................
20
Ordering Information .............................................................................................................................................................
21
CBD/CBM
SERIES
CBC Series Introduction .......................................................................................................................................................
22
Technical Characteristics ......................................................................................................................................................
23
Contact Variants ...................................................................................................................................................................
24
Standard Shell Assembly ......................................................................................................................................................
25
Ordering Information .............................................................................................................................................................
26
CBC
SERIES
CBDD/CBHD Series Introduction and Technical Characteristics .........................................................................................
27-28
Contact Variants....................................................................................................................................................................
28
Standard Shell Assembly ......................................................................................................................................................
29
Code 21 Solder Cup Connector and
Code 3, 35, 36 and 37 Straight Printed Board Mount Connector ......................................................................................
30
Code 4, 45 and 47 Right Angle (90°) Printed Board Mount Connector ................................................................................
31-33
Code 65 Straight Printed Board Mount Connector with FDS4201D or MDS4201D Shielded Contacts and
Code 84 Right Angle (90°) Printed Board Mount Connector with FRT4201D or MRT4201D Shielded Contacts ................
34
Code 85 Right Angle (90°) Printed Board Mount Connector with FRT4201D or MRT4201D Shielded Contacts and
Code 93 Compliant Press-Fit Connector ...........................................................................................................................
35
Printed Board Mount Contact Hole Pattern ...........................................................................................................................
36
Ordering Information .............................................................................................................................................................
37-38
continued on next page . . .
TABLE OF CONTENTS
Combo-D
D-Sub
Positronic
connectpositronic.com
ii
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86