| Moteur de recherche de fiches techniques de composants électroniques |
|
FS4012D Fiches technique(PDF) 25 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4012D Fiches technique(HTML) 25 Page - Positronic. |
|
25 / 86 page ![]() 1.250 [31.75] TYP. 0.055 [1.38] TYP. 0.056 [1.42] 0.112 [2.84] 0.109 [2.77] TYP. 0.618 [15.70] TYP. 0.893 [22.68] TYP. 1.250 [31.75] TYP. 0.618 [15.70] 0.055 [1.38] TYP. 0.112 [2.84] 0.109 [2.77] TYP. 0.893 [22.68] TYP. 1.250 [31.75]TYP. 0.055 [1.38] TYP. 0.109 [2.77] TYP. 0.893 [22.68] TYP. 1.203 [30.56] TYP. 0.109 [2.77] TYP. 0.270 [6.86] TYP. 0.075 [1.91] 0.374 [9.50] 0.112 [2.84] 0.056 [1.42] 0.056 [1.42] 0.055 [1.38] TYP. 0.109 [2.77] TYP. 0.112 [2.84] 0.112 [2.84] 0.540 [13.72] 0.810 [20.57] 1.203 [30.56] TYP. 0.055 [1.38] TYP. 1.203 [30.56] TYP. 0.109 [2.77] TYP. 0.810 [20.57] 0.112 [2.84] 0.112 [2.84] 0.075 [1.91] 0.270 [6.86] 0.540 [13.72] 1.203 [30.56] TYP. 0.374 [9.50] 0.112 [2.84] TYP. 0.075 [1.91] 0.075 [1.91] 0.810 [20.57] TYP. 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.200 [5.08] 0.100 [2.54] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.200 [5.08] 0.100 [2.54] 0.150 [3.81] 0.150 [3.81] 0.131 [3.33] 0.100 [2.54] 0.200 [5.08] 0.131 [3.33] 0.131 [3.33] RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONTACT HOLE PATTERN WITH FRT4201D AND MRT4201D SHIELDED CONTACTS HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR. MOUNT CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROWS. 27W2 *1 43W2 *1 47W1 *1 24W7 *1 36W4 21WA4 25W3 *1 NOTE: Shell size 5 connectors are supplied inverted when ordered with right angle (90°) printed board mount shielded contacts. SUGGESTED PRINTED BOARD HOLE SIZES: Suggest 0.045 [1.14] Ø hole for signal contact termination position. Suggest 0.123±0.003 [3.12] Ø hole for mounting connector with push-on fasteners. PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO STANDARD DENSITY PCB MOUNT Combo-D D-Sub Positronic connectpositronic.com 19 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. |