Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC8022D2AL Fiches technique(PDF) 83 Page - Positronic.

No de pièce FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Fiches technique(HTML) 83 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 78Page - Positronic. FC8022D2AL Datasheet HTML 79Page - Positronic. FC8022D2AL Datasheet HTML 80Page - Positronic. FC8022D2AL Datasheet HTML 81Page - Positronic. FC8022D2AL Datasheet HTML 82Page - Positronic. FC8022D2AL Datasheet HTML 83Page - Positronic. FC8022D2AL Datasheet HTML 84Page - Positronic. FC8022D2AL Datasheet HTML 85Page - Positronic. FC8022D2AL Datasheet HTML 86Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
1/2 inch shaft
for arbor press
Replaceable
seating pins
Female Connector
Seating Tool
Male Connector
Seating Tool
POSITRONIC RECOMMENDED TOOLS FOR COMPLIANT PRESS-FIT CONNECTORS AND CONTACTS
SHELL
SIZE
CONNECTOR
VARIANT
CONNECTOR SEATING TOOL WITH ARBOR
PRESS SHAFT
ARBOR PRESS FOR
SEATING TOOLS
REPLACEMENT PINS
FOR CONNECTOR
SEATING TOOL
FEMALE P / N
MALE P / N
1
2WK2
9512-44-0-41
9512-44-0-41
Use 1 ton capacity
4 inch throat
For
8W2 Size 22
Female contacts
use pin p / n
9512-41-3-41
For
19W1 Size 22
Female contacts
use pin p / n
855-347-29-41
For
Size 20
Female contacts
use pin p / n
855-347-18-41
For
Size 16
Female contacts
use pin p / n
855-347-28-41
For
Size 8
Female contacts
use pin p / n
855-347-19-41
Male contacts
don’t use
replaceable pins
5W1
9512-18-0-41
9512-1-0-41
8W2
9512-41-0-41
9512-40-0-41
2
3W3
9512-19-0-41
9512-2-0-41
3WK3
9512-39-0-41
9512-38-0-41
7W2
9512-20-0-41
9512-2-0-41
11W1
9512-21-0-41
9512-2-0-41
19W1
9512-42-0-41
9512-2-0-41
3
5W5
9512-22-0-41
9512-3-0-41
9W4
9512-23-0-41
9512-3-0-41
13W3
9512-24-0-41
9512-3-0-41
17W2
9512-25-0-41
9512-3-0-41
21W1
9512-26-0-41
9512-3-0-41
4
8W8
9512-27-0-41
9512-4-0-41
13W6
9512-28-0-41
9512-4-0-41
17W5
9512-29-0-41
9512-4-0-41
21WA4
9512-30-0-41
9512-4-0-41
25W3
9512-31-0-41
9512-4-0-41
27W2
9512-32-0-41
9512-4-0-41
5
24W7
9512-33-0-41
9512-5-0-41
36W4
9512-34-0-41
9512-5-0-41
43W2
9512-35-0-41
9512-5-0-41
47W1
9512-36-0-41
9512-5-0-41
6
46W4
9512-37-0-41
9512-16-0-41
COMPLIANT PRESS-FIT CONNECTOR INSTALLATION TOOLS
USE INDICATED POSITRONIC TOOLS FOR BEST RESULTS
SEATING
TOOLS
Positronic offers expert assistance in
adapting application tooling to your
manufacturing environment. Contact our
application tooling specialist for assistance.
86
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
APPLICATION TOOLS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86