| Moteur de recherche de fiches techniques de composants électroniques |
|
EV-RADAR-MMIC2 Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EV-RADAR-MMIC2 Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 28 page ![]() UG-866 EV-RADAR-MMIC2 User Guide Rev. B | Page 6 of 28 EVALUATION BOARD SOFTWARE The control software for the EV-RADAR-MMIC2 accompanies the EV-RADAR-MMIC2 on a CD. For the software installation procedure, see the UG-476 user guide, PLL Software Installation Guide. To run the software, click the EV-RADAR-MMIC2 file on the desktop or in the Start menu. On the Select Device and Connection tab, select EV-RADAR- MMIC2 (ADF5901, ADF5904, ADF4159) and click Connect. Confirm that SDP connected displays at the bottom left of the window on the status bar (see Figure 2). Otherwise, the software has no connection to the evaluation board. Note that, when connecting the evaluation board, it takes about 5 sec to 10 sec for the status label to change. Figure 2. Select Device and Connection Tab |