| Moteur de recherche de fiches techniques de composants électroniques |
|
SC14WAMDECTSF01T Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF01T Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 37 page ![]() Datasheet Revision 3.1 05-Jan-2022 CFR0011-120-00-FM Rev 5 8 of 36 © 2022 Renesas Electronics SC14WAMDECT SF Wireless Audio Module FINAL 3.0 Wireless Audio Module functions This section describes the key functions and features supported by the SC14WAMDECT SF module. 3.1 DECT The SC14WAMDECT SF is based on the ETSI DECT specifications for digital cordless telephone systems. The system diagram on page 1 shows that this module has two configurations: microphone (MIC) and loud- speaker (SPEAKER). One internal antenna is embedded and an external antenna is supported (see section 5.6). An external microcontroller can be used for limited control pur- poses via the UART interface. See section 4.7. 3.2 MICROPHONE CONFIGURATION For a microphone configuration the SC14WAMDECT SF module requires the external parts listed in Table 3. Figure 2 shows the usage of the module with an exter- nal microphone. This MIC configuration can be used for the PP of a Public Address System and for the FP of a Tour Guide System. Table 3: Microphone configuration overview Item Supported Remark Battery Yes 2 NiMH or standard Alkaline cells. Note: For LiIon batteries an external LDO is required. Microphone Yes Connect to pin MICp (single ended). Keys Yes Connect to pins ACC_IN, PON, VOL_UP/MUTE and VOL_DN. LEDs Yes Connect to pins LED_RED1 and LED_GRN. Figure 2: MIC configuration SC14WAMDECT SF Keys LEDs Microphone Battery |