Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3B02 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce 3B02
Description  3B Series 8 Channel Backplane
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

3B02 Fiches technique(HTML) 2 Page - Analog Devices

  3B02 Datasheet HTML 1Page - Analog Devices 3B02 Datasheet HTML 2Page - Analog Devices 3B02 Datasheet HTML 3Page - Analog Devices 3B02 Datasheet HTML 4Page - Analog Devices 3B02 Datasheet HTML 5Page - Analog Devices 3B02 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3B02
Rev. 0 | Page 2 of 6
GENERAL DESCRIPTION
The 3B02 Series backplane provides the user with eight
Channels, any of which may be used with any of the 3B series of
modules offered by ADI.
This backplane have been designed to operate in a wide
temperature range, from -25oC up to +85oC
The 3B02 Series backplane has been evaluated by both Factory
Mutual and also by CSA. The 3B02 has passed all agency testing
and is listed by both organizations. In addition the 3B02 series
back plane is also CE certified.
The 3B02 backplane has several mounting options:
o
Surface Mount – stand alone or using Surface Mount
Kit, model AC1332
o
19-inch Rack Mount Kit model AC1330
Figure 2



Html Pages

1 2 3 4 5 6