Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1156 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS1156
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1156 Fiches technique(HTML) 14 Page - ams AG

Back Button AS1156 Datasheet HTML 7Page - ams AG AS1156 Datasheet HTML 8Page - ams AG AS1156 Datasheet HTML 9Page - ams AG AS1156 Datasheet HTML 10Page - ams AG AS1156 Datasheet HTML 11Page - ams AG AS1156 Datasheet HTML 12Page - ams AG AS1156 Datasheet HTML 13Page - ams AG AS1156 Datasheet HTML 14Page - ams AG AS1156 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
Board Layout
11 Ordering Information
Part Number
Description
Delivery Form
Package
AS1156-BSOU
Single Channel LVDS Line Driver
Tubes
SOIC-8
AS1156-BSOT
Single Channel LVDS Line Driver
Tape and Reel
SOIC-8
AS1154-BSOU
Dual Channel LVDS Line Driver
Tubes
SOIC-8
AS1154-BSOT
Dual Channel LVDS Line Driver
Tape and Reel
SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15