Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSV80XTR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 6Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 7Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 8Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 9Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 10Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 11Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 12Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 181 page
background image
3.1
Pin connections
The LSM6DSV80X offers flexibility to connect the pins in order to have three different mode connections and
functionalities. In detail:
•
Mode 1: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface is available.
•
Mode 2: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface and I²C controller interface
for external sensor connections are available.
Figure 6. LSM6DSV80X connection modes
HOST
LSM6DSV80X
HOST
LSM6DSM
LSM6DSM
External
sensors
I2C /
SPI (3/4-w)
I2C /
SPI (3/4-w)
I2C controller
Mode 1
Mode 2
MIPI I3C /
MIPI I3C /
LSM6DSV80X
®
®
LSM6DSV80X
Pin description
DS14764 - Rev 1
page 10/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More