Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSV80X Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Fiches technique(HTML) 2 Page - STMicroelectronics

  LSM6DSV80X Datasheet HTML 1Page - STMicroelectronics LSM6DSV80X Datasheet HTML 2Page - STMicroelectronics LSM6DSV80X Datasheet HTML 3Page - STMicroelectronics LSM6DSV80X Datasheet HTML 4Page - STMicroelectronics LSM6DSV80X Datasheet HTML 5Page - STMicroelectronics LSM6DSV80X Datasheet HTML 6Page - STMicroelectronics LSM6DSV80X Datasheet HTML 7Page - STMicroelectronics LSM6DSV80X Datasheet HTML 8Page - STMicroelectronics LSM6DSV80X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 181 page
background image
The LSM6DSV80X is the world's first IMU to combine high-g (80 g) and low-g capabilities in a single package,
integrating advanced features (edge processing and sensor fusion) and delivering consistent performance and
valuable data for tracking and high-intensity impact detection in sports wearables.
The device enables edge AI, leveraging on a finite state machine (FSM) for configurable motion tracking and a
machine learning core (MLC) for context awareness with exportable AI features for wearable applications.
The LSM6DSV80X supports the adaptive self-configuration (ASC) feature, which allows automatically
reconfiguring the device in real time based on the detection of a specific motion pattern or based on the output of
a specific decision tree configured in the MLC, without any intervention from the host processor.
LSM6DSV80X
DS14764 - Rev 1
page 2/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More