| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSV320X Fiches technique(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV320X Fiches technique(HTML) 161 Page - STMicroelectronics |
|
161 / 212 page ![]() 15.1.2 FSM_EXT_OFFX_L (C0h) and FSM_EXT_OFFX_H (C1h) External sensor X-axis offset The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 404. FSM_EXT_OFFX_L register FSM_EXT_ OFFX_7 FSM_EXT_ OFFX_6 FSM_EXT_ OFFX_5 FSM_EXT_ OFFX_4 FSM_EXT_ OFFX_3 FSM_EXT_ OFFX_2 FSM_EXT_ OFFX_1 FSM_EXT_ OFFX_0 Table 405. FSM_EXT_OFFX_L register description FSM_EXT_OFFX_[7:0] External sensor X-axis offset (LSbyte). Default value: 00000000 Table 406. FSM_EXT_OFFX_H register FSM_EXT_ OFFX_15 FSM_EXT_ OFFX_14 FSM_EXT_ OFFX_13 FSM_EXT_ OFFX_12 FSM_EXT_ OFFX_11 FSM_EXT_ OFFX_10 FSM_EXT_ OFFX_9 FSM_EXT_ OFFX_8 Table 407. FSM_EXT_OFFX_H register description FSM_EXT_OFFX_[15:8] External sensor X-axis offset (MSbyte). Default value: 00000000 15.1.3 FSM_EXT_OFFY_L (C2h) and FSM_EXT_OFFY_H (C3h) External sensor Y-axis offset The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 408. FSM_EXT_OFFY_L register FSM_EXT_ OFFY_7 FSM_EXT_ OFFY_6 FSM_EXT_ OFFY_5 FSM_EXT_ OFFY_4 FSM_EXT_ OFFY_3 FSM_EXT_ OFFY_2 FSM_EXT_ OFFY_1 FSM_EXT_ OFFY_0 Table 409. FSM_EXT_OFFY_L register description FSM_EXT_OFFY_[7:0] External sensor Y-axis offset (LSbyte). Default value: 00000000 Table 410. FSM_EXT_OFFY_H register FSM_EXT_ OFFY_15 FSM_EXT_ OFFY_14 FSM_EXT_ OFFY_13 FSM_EXT_ OFFY_12 FSM_EXT_ OFFY_11 FSM_EXT_ OFFY_10 FSM_EXT_ OFFY_9 FSM_EXT_ OFFY_8 Table 411. FSM_EXT_OFFY_H register description FSM_EXT_OFFY_[15:8] External sensor Y-axis offset (MSbyte). Default value: 00000000 LSM6DSV320X Embedded advanced features register description DS14623 - Rev 1 page 161/212 |