Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM-SERIES Fiches technique(PDF) 3 Page - VITROHM

No de pièce CSM-SERIES
Description  SMD power shunt resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITROHM [VITROHM]
Site Internet  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSM-SERIES Fiches technique(HTML) 3 Page - VITROHM

  CSM-SERIES Datasheet HTML 1Page - VITROHM CSM-SERIES Datasheet HTML 2Page - VITROHM CSM-SERIES Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CSM Series Datasheet
1
3
The standard packaging for CSM dimensions below (blister tape [mm]).
Tape and reel information
Specification : IEC60286-3
Tape width
[mm]
Reel size
[inch]
SPQ
CSM381
24
13
1500
CSM452
24
13
1100
Power Derating Curve
Resistance Change vs Temperature
[Copper Manganese CM4 Alloy]
Resistance Change vs Temperature
[Typical Resistance Drift AC Alloy]
Resistance Change vs Temperature
[Copper Manganese Nickel CM3 Alloy]
Resistance Change vs Temperature
[Copper Manganese Nickel Chrome Alloy]



Html Pages

1 2 3