Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U545CEU6 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STM32U545CEU6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STM32U545CEU6 Datasheet HTML 8Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 9Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 10Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 11Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 12Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 13Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 14Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 15Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
For each board, a set of examples is provided with preconfigured projects for EWARM, MDK-ARM, and
STM32CubeIDE toolchains.
Figure 5 shows the project structure for the NUCLEO-U575ZI-Q board.
Figure 5. STM32CubeU5 examples overview
The examples are classified depending on the STM32Cube level that they apply to, and are named as explained
below:
•
Level 0 examples are called "Examples", " Examples_LL", and "Examples_MIX". They use, respectively,
HAL drivers, LL drivers, and a mix of HAL and LL drivers without any middleware component.
•
Level 1 examples are called applications. They provide typical use cases of each middleware component.
Any firmware application for a given board can be built quickly using the template projects available in the
Templates and Templates_LL directories.
4.2.1
TrustZone-enabled projects
TrustZone-enabled “Examples” names are prefixed with "_TrustZone". This rule is also applied to “Applications”
(except TFM, which is native to TrustZone®).
TrustZone-enabled “Examples” and “Applications” are provided with a multiproject structure, composed of secure
and nonsecure subprojects, as presented below in Figure 6.
TrustZone-enabled projects are developed according to the CMSIS-5 device template, extended to include the
system partitioning header file partition_<device>.h. This file is responsible for the principal setup of the secure
attribute unit (SAU), the FPU, and the secure/nonsecure interrupts assignment in a secure execution state.
UM2883
STM32CubeU5 MCU package overview
UM2883 - Rev 4
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30