| Moteur de recherche de fiches techniques de composants électroniques |
|
ATH-BASE Fiches technique(PDF) 3 Page - Metcal |
|
|
|||||||||||||||||||||||||||||
ATH-BASE Fiches technique(HTML) 3 Page - Metcal |
|
3 / 4 page ![]() LightMagnifierAdd-on The LM-1000ALightMagnifierisanintegratedlightandmagnifier.Itfeaturesa4xmagnification lens and an integrated LED lighting system for shadow free illumination. Supplied with base plate. The LM-1000Aincludes: LM-1000 Light Magnifier and LM-BPbase plate. AdjustableToolHolderOption TheATH-1100Acan be attached to the PCT-1000 or used as a standalone unit thanks to its base plate. ATH-BASE Optional Base plate forATH-1100A. OtherBoardHolderOptions BH-1000 Post-Rail Board Holder(incl. 4 posts, 2 rails with sliding clips, 4 support pins and flat-head support) BH-PK1000 Board Holder Pin Kit (incl. 2 discs, 2 long pins, 2 short pins) NozzlesforHCT-1000 Aseries of 14 Nozzles are available for use with the MRS-1100A/ HCT-1000. The nozzles fit applications reworking components of all sizes from (including, but not limited to) BGAs, QFPs, LGAs, PLCC and SOIC.Acustom nozzle program is also available. HCT-NC Carrier for HN Series Nozzles OtherAccessoriesforHCT-1000 HCT-FS2 Footswitch, Dual, HCT-1000 HCT-HTRASSY HeaterAssembly AC-TCK-40-36 Thermocouple 40AWG, pack of 2 MRS-1100AFeatures Digital display for repeatable temperature settings and profile control Automatic control of the preheater for simple operation Easy profile creation for operator repeatability Integrated vacuum pickup for easy component removal Hand held or tool holder mounted for operator comfort Manual mode for quick setup Externalthermocoupleforprocesssetupandverification Digital controlled airflow for repeatable results X,Y, Z andTheta controls for component alignment Adjustable PCB holder for easy change outs Automatic vacuum lift off at the end of the cycle Password lockout of programmed profiles ACCESSORIES BH-1000 LM-1000A LM-BP HCT-FS2 MRS-1100AApplications The MRS-1100Ais perfect for removal and reflow of SMTComponents. Specific examples of applications include: Simple removal and replacement of delicate SMT components. Quick, easy and cost effective removal of BGA& CSPthat will later be placed with your dedicated Array Package Rework System, this increases the productivity of your rework area and reduces your technicians workload. Automatically lifts the component at the end of the cycle preventing operators from prematurely lifting components and damaging expensive PCBs. HCT-NC HN Series Nozzles BH-PK1000 |