| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8488KBCZ Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8488KBCZ Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() Data Sheet AD8488 Rev. A | Page 17 of 20 TIMING DIAGRAMS t1 DATA WR t3 t2 t4 t5 t6 NOTES 1. TIMING DIAGRAM TO WRITE A STATIC SIGNAL TO CHANNEL 0 TO CHANNEL 63 OR CHANNEL 64 TO CHANNEL127. 2. CS_A LOW OR CS_B LOW SELECTS CHANNEL 0 TO CHANNEL 63 OR CHANNEL 64 TO CHANNEL 127. WRITE DATA BY SEQUENCING WR LOW, THEN HIGH. CS_A, CS_B Figure 18. Input Register Timing Diagram CLK tCLK ADC INPUT 001 tDELAY7 tDELAY8 SAMPLE SETTLES NOTES 1. ADC SAMPLES OCCUR WHEN MUX-CH001 TO MUX-CH003 IS HIGH, JUST PRIOR TO THE FALLING EDGE. SAMPLE MUST BE COMPLETE BEFORE HIGH TO LOW TRANSITION. 2. TIME DELAY SAMPLES (REFERENCE, INTERNAL ONLY): MIN. TYP. MAX. tDELAY 7: 5.3ns 6.6ns 7.8ns tDELAY 8: 1.2ns 1.4ns 1.7ns 3. tA IS SYNCHRONOUS WITH ADC TIMING. ADC SAMPLE MUX-CH001 ADC SAMPLE MUX-CH002 ADC SAMPLE MUX-CH003 002 003 MUX-CH001 TO MUX-CH003 Figure 19. Timing Diagram—AD8488 to ADC |