| Moteur de recherche de fiches techniques de composants électroniques |
|
TA7291S/SG Fiches technique(PDF) 10 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TA7291S/SG Fiches technique(HTML) 10 Page - Toshiba Semiconductor |
|
10 / 16 page ![]() TA7291P/S/SG/F/FG 2007-06-13 10 APPLICATION CIRCUIT Note 1: Experiment to find the optimum capacitor valve. Note 2: To protect against excess current, current limitation resistor R should be inserted where necessary. NOTES Be careful when switching the input because rush current may occur. When switching, stop mode should be entered or current limitation resister R should be inserted. The IC functions cannot be guaranteed when turning power on of off. Before using the IC for application, check that there are no problems. Utmost care is necessary in the design of the output, VCC, VM, and GND lines since the IC may be destroyed by short-circuiting between outputs, air contamination faults, or faults due to improper grounding, or by short-circuiting between contiguous pins. TA7291P /TA7291S/SG /TA7291F/FG TA7291P /S/SG /F/FG |