Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2136FG Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TA2136FG
Description  Sound Retrieval System; 3D Sound IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2136FG Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TA2136FG Datasheet HTML 1Page - Toshiba Semiconductor TA2136FG Datasheet HTML 2Page - Toshiba Semiconductor TA2136FG Datasheet HTML 3Page - Toshiba Semiconductor TA2136FG Datasheet HTML 4Page - Toshiba Semiconductor TA2136FG Datasheet HTML 5Page - Toshiba Semiconductor TA2136FG Datasheet HTML 6Page - Toshiba Semiconductor TA2136FG Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TA2136FG/NG
2006-04-27
2
Pin Function
Pin No.
Symbol
I/O
Function
Remarks
1
LIN
I
L channel signal input pin.
2
RIN
I
R channel signal input pin.
3
BPF1
⎯
BPF1 pin for band pass filter.
4
BPF2
⎯
BPF2 pin for band pass filter.
5
BPF3
⎯
BPF3 pin for band pass filter.
6
PF1
⎯
PF1 pin for 3D filter.
7
PF2
⎯
PF2 pin for 3D filter.
8
PF3
⎯
PF3 pin for 3D filter.
9
PF4
⎯
PF4 pin for 3D filter.
10
PF5
⎯
PF5 pin for 3D filter.
11
ROUT
O
R channel signal output pin.
12
LOUT
O
L channel signal output pin.
13
VCC
⎯
Power supply pin.
14
GND
⎯
Ground pin.
15
VREF
I
Reference voltage pin.
16
SMF
⎯
SMF pin for smoothing filter.
17
TEST
I
Test pin, normally fixed “L” level.
18
MNGN
I
MNGN pin for monoral signal input gain selector.
Normally fixed “L” level.
19
MODE2
I
MODE2 pin for mode selector.
20
MODE1
I
MODE1 pin for mode selector.
21
SPOUT
O
Output pin for space control.
22
SPIN
I
Iutput pin for space control.
23
CTOUT
O
Output pin for center control.
24
CTIN
I
Input pin for center control.



Html Pages

1 2 3 4 5 6 7