| Moteur de recherche de fiches techniques de composants électroniques |
|
74HC-HCT240 Fiches technique(PDF) 9 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74HC-HCT240 Fiches technique(HTML) 9 Page - SYC Electronica |
|
9 / 18 page ![]() 74HC_HCT240_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 2 August 2007 9 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Measurement points are given in Table 8. VOL and VOH are typical voltage output drop that occur with the output load. Fig 7. 3-state enable and disable times 001aae014 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled nYn output LOW-to-OFF OFF-to-LOW nYn output HIGH-to-OFF OFF-to-HIGH nOE input VI VOL VOH VCC VM GND GND tPZL tPZH VM VM Table 8. Measurement points Type Input Output VM VM VX VY 74HC240 0.5 × VCC 0.5 × VCC 0.1 × VCC 0.9 × VCC 74HCT240 1.3 V 1.3 V 0.1 × VCC 0.9 × VCC |