| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6422 Fiches technique(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6422 Fiches technique(HTML) 65 Page - Texas Instruments |
|
65 / 265 page ![]() Table 5-35. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPIO0_1 IO General Purpose Input/Output N21 GPIO0_2 IO General Purpose Input/Output N19 GPIO0_3 IO General Purpose Input/Output M19 GPIO0_4 IO General Purpose Input/Output M18 GPIO0_5 IO General Purpose Input/Output M20 GPIO0_6 IO General Purpose Input/Output M21 GPIO0_7 IO General Purpose Input/Output P21 GPIO0_8 IO General Purpose Input/Output P20 GPIO0_9 IO General Purpose Input/Output N18 GPIO0_10 IO General Purpose Input/Output M17 GPIO0_11 IO General Purpose Input/Output L19 GPIO0_12 IO General Purpose Input/Output L18 GPIO0_13 IO General Purpose Input/Output K17 GPIO0_14 IO General Purpose Input/Output L17 GPIO0_15 IO General Purpose Input/Output T20 GPIO0_16 IO General Purpose Input/Output U21 GPIO0_17 IO General Purpose Input/Output T18 GPIO0_18 IO General Purpose Input/Output U20 GPIO0_19 IO General Purpose Input/Output AA14 GPIO0_20 IO General Purpose Input/Output Y13 GPIO0_21 IO General Purpose Input/Output V20 GPIO0_22 IO General Purpose Input/Output V21 GPIO0_23 IO General Purpose Input/Output V19 GPIO0_24 IO General Purpose Input/Output T17 GPIO0_25 IO General Purpose Input/Output R16 GPIO0_26 IO General Purpose Input/Output W20 GPIO0_27 IO General Purpose Input/Output W21 GPIO0_28 IO General Purpose Input/Output V18 GPIO0_29 IO General Purpose Input/Output Y21 GPIO0_30 IO General Purpose Input/Output Y20 GPIO0_31 IO General Purpose Input/Output R17 GPIO0_32 IO General Purpose Input/Output P16 GPIO0_33 IO General Purpose Input/Output R18 GPIO0_34 IO General Purpose Input/Output T21 GPIO0_35 IO General Purpose Input/Output P17 GPIO0_36 IO General Purpose Input/Output T19 GPIO0_37 IO General Purpose Input/Output W19 GPIO0_38 IO General Purpose Input/Output Y18 GPIO0_39 IO General Purpose Input/Output N16 GPIO0_40 IO General Purpose Input/Output N17 GPIO0_41 IO General Purpose Input/Output R19 GPIO0_42 IO General Purpose Input/Output R20 GPIO0_43 (1) IO General Purpose Input/Output P19 GPIO0_44 (1) IO General Purpose Input/Output R21 GPIO0_45 IO General Purpose Input/Output Y7 www.ti.com AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56G – JANUARY 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |