Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LS151 Fiches technique(PDF) 5 Page - Solid State Inc

No de pièce 74LS151
Description  8-Input Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOLIDSTATE [Solid State Inc]
Site Internet  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS151 Fiches technique(HTML) 5 Page - Solid State Inc

  74LS151 Datasheet HTML 1Page - Solid State Inc 74LS151 Datasheet HTML 2Page - Solid State Inc 74LS151 Datasheet HTML 3Page - Solid State Inc 74LS151 Datasheet HTML 4Page - Solid State Inc 74LS151 Datasheet HTML 5Page - Solid State Inc 74LS151 Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SN74LS151
5
PACKAGE DIMENSIONS
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ISSUE R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6