| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS132 Fiches technique(PDF) 1 Page - Solid State Inc |
|
|
|||||||||||||||||||||||||||||
74LS132 Fiches technique(HTML) 1 Page - Solid State Inc |
|
1 / 5 page ![]() 74LS132 Quad 2-Input NAND Gate with Schmitt Trigger Input General Description This device contains four independent gates each of which performs the logic NAND function. Each input has hystere- sis which increases the noise immunity and transforms a slowly changing input signal to a fast changing, jitter free output. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS132M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS132SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS132N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L www.sycelectronica.com.ar |
Numéro de pièce similaire - 74LS132 |
|
Description similaire - 74LS132 |