Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1628126 Fiches technique(PDF) 5 Page - PHOENIX CONTACT

No de pièce 1628126
Description  EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628126 Fiches technique(HTML) 5 Page - PHOENIX CONTACT

  1628126 Datasheet HTML 1Page - PHOENIX CONTACT 1628126 Datasheet HTML 2Page - PHOENIX CONTACT 1628126 Datasheet HTML 3Page - PHOENIX CONTACT 1628126 Datasheet HTML 4Page - PHOENIX CONTACT 1628126 Datasheet HTML 5Page - PHOENIX CONTACT 1628126 Datasheet HTML 6Page - PHOENIX CONTACT 1628126 Datasheet HTML 7Page - PHOENIX CONTACT 1628126 Datasheet HTML 8Page - PHOENIX CONTACT 1628126 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Drawings
Dimensional drawing
46,4
16,9
43,8
58
236,1
29
202,6
33,5 76,9
Make sure that the vehicle charging connector is placed in an appropriate charging connector holder, which ensures a minimum protection rating of
IP24 in accordance with IEC 61851-1, for the entire time between charging. To create this charging connector holder, use the dimensions of the
vehicle charging connector. Detailed dimensions can also be found in the Download area.
Connection diagram
L2/N
PE
L1
CP
CS
Pin assignment of the Vehicle Connector
EV-T1G3K-1AC32A-5,0M6,0ESBK11 - AC charging
cable
1628126
https://www.phoenixcontact.com/us/products/1628126
Apr 16, 2025, 5:44AM
Page 5 (9)



Html Pages

1 2 3 4 5 6 7 8 9