Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EEP.2C.314.CLN Fiches technique(PDF) 3 Page - LEMO Connectors

No de pièce EEP.2C.314.CLN
Description  Socket / Receptacle - Fixed Panel Rear Mounted
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEMO [LEMO Connectors]
Site Internet  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EEP.2C.314.CLN Fiches technique(HTML) 3 Page - LEMO Connectors

  EEP.2C.314.CLN Datasheet HTML 1Page - LEMO Connectors EEP.2C.314.CLN Datasheet HTML 2Page - LEMO Connectors EEP.2C.314.CLN Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/eep-2c-314-cln.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Dimensions
A
L
e
mm.
20
15.6
M15x1.0
in.
0.79
0.61



Html Pages

1 2 3