| Moteur de recherche de fiches techniques de composants électroniques |
|
STA538Q Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA538Q Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 59 page ![]() Serial audio interface STA538 30/59 8.4 Serial formats Different audio formats are supported in both master and slave modes. Clock and data configurations can be customized to match most of the serial audio protocols available on the market. Data length can be customized for 8-, 16-, 24-, and 32-bit. Figure 9. Right justified Figure 10. Left justified 12 3 n-1 n LRCLKI/ LRCLKO BICLKI/ BICLKO SDATAI/ SDATAO 12 3 n-1 n 12 3 n-1 n LRCLKI/ LRCLKO BICLKI/ BICLKO SDATAI/ SDATAO 12 3 n-1 n |