Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT2316-AE3-R Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce UT2316-AE3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2316-AE3-R Fiches technique(HTML) 4 Page - Unisonic Technologies

  UT2316-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2316-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2316-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2316-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UT2316
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-126.A
TYPICAL CHARACTERISTICS(Cont.)
10-4
10-3
10-2
10-1
110
100
600
0.01
0.1
1
2
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance
Duty Cycle=0.5
0.2
0.02
0.1
0.05
Single Pulse
PDM
1.Duty Cycle D=t1/t2
2.Per Unit
Base=RthJA=80℃/W
3.TJM-TA=PDMZthJA
4.Surface Mounted
t1
t2
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4