| Moteur de recherche de fiches techniques de composants électroniques |
|
STR750FV0T6 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV0T6 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 84 page ![]() Introduction STR750Fxx STR751Fxx STR752Fxx STR755Fxx 6/84 Serial memory interface (SMI) The Serial Memory interface is directly able to access up to 4 serial FLASH devices. It can be used to access data, execute code directly or boot the application from external memory. The memory is addressed as 4 banks of up to 16 Mbytes each. Clocks and start-up After RESET or when exiting from Low Power Mode, the CPU is clocked immediately by an internal RC oscillator (FREEOSC) at a frequency centered around 5 MHz, so the application code can start executing without delay. In parallel, the 4/8 MHz Oscillator is enabled and its stabilization time is monitored using a dedicated counter. An oscillator failure detection is implemented: when the clock disappears on the XT1 pin, the circuit automatically switches to the FREEOSC oscillator and an interrupt is generated. In Run mode, the AHB and APB clock speeds can be set at a large number of different frequencies thanks to the PLL and various prescalers: up to 60 MHz for AHB and up to 32 MHz for APB when fetching from Flash (64 MHz and 32 MHz when fetching from SRAM). In SLOW mode, the AHB clock can be significantly decreased to reduce power consumption. The built-in Clock Controller also provides the 48 MHz USB clock directly without any extra oscillators or PLL. For instance, starting from the 4 MHz crystal source, it is possible to obtain in parallel 60 MHz for the AHB clock, 48 MHz for the USB clock and 30 MHz for the APB peripherals. Boot modes At start-up, boot pins are used to select one of five boot options: ● Boot from internal flash ● Boot from external serial Flash memory ● Boot from internal boot loader ● Boot from internal SRAM Booting from SMI memory allows booting from a serial flash. This way, a specific boot monitor can be implemented. Alternatively, the STR750F can boot from the internal boot loader that implements a boot from UART. Power supply schemes You can connect the device in any of the following ways depending on your application. ● Power Scheme 1: Single external 3.3V power source. In this configuration the VCORE supply required for the internal logic is generated internally by the main voltage regulator and the VBACKUP supply is generated internally by the low power voltage regulator. This scheme has the advantage of requiring only one 3.3V power source. ● Power Scheme 2: Dual external 3.3V and 1.8V power sources. In this configuration, the internal voltage regulators are switched off by forcing the VREG_DIS pin to high level. VCORE is provided externally through the V18 and V18REG power pins and VBACKUP through the V18_BKP pin. This scheme is intended to save power consumption for applications which already provide an 1.8V power supply. ● Power Scheme 3: Single external 5.0V power source. In this configuration the VCORE supply required for the internal logic is generated internally by the main voltage |