Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431AC Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce TL431AC
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 14Page - STMicroelectronics TL431AC Datasheet HTML 15Page - STMicroelectronics TL431AC Datasheet HTML 16Page - STMicroelectronics TL431AC Datasheet HTML 17Page - STMicroelectronics TL431AC Datasheet HTML 18Page - STMicroelectronics TL431AC Datasheet HTML 19Page - STMicroelectronics TL431AC Datasheet HTML 20Page - STMicroelectronics TL431AC Datasheet HTML 21Page - STMicroelectronics TL431AC Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package information
TL431, TL432
18/22
DocID4467 Rev 17
4.6
SOT323-6 package information
Figure 29. SOT323-6 package outline
Table 12. SOT323-6 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
-
1.10
0.031
-
0.043
A1
0
-
0.10
-
-
0.004
A2
0.80
-
1.00
0.031
-
0.039
b
0.15
-
0.30
0.006
-
0.012
c
0.10
-
0.18
0.004
-
0.007
D
1.80
-
2.20
0.071
-
0.087
E
1.15
-
1.35
0.045
-
0.053
e
-
0.65
-
-
0.026
-
HE
1.80
-
2.40
0.071
-
0.094
L
0.10
-
0.40
0.004
-
0.016
Q1
0.10
-
0.40
0.004
-
0.016
7095021_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22