| Moteur de recherche de fiches techniques de composants électroniques |
|
TL432 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL432 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() Package information TL431, TL432 14/22 DocID4467 Rev 17 4.2 TO-92 ammopack and tape and reel package information Figure 25. TO-92 ammopack and tape and reel package outline Table 8. TO-92 ammopack and tape and reel package mechanical data Symbol Dimension (millimeters) Dimension (Inches) Min. Typ. Max. Min. Typ. Max. A1 - - 5.0 - - 0.197 A - - 5.0 - - 0.197 T - - 4.0 - - 0.157 d 0.35 0.45 0.55 0.014 0.018 0.022 I1 2.5 - - 0.098 - - P 11.7 12.7 13.7 0.461 0.500 0.539 PO 12.4 12.7 13 0.488 0.500 0.512 P2 5.95 6.35 6.75 0.234 0.250 0.266 F1/F2 2.4 2.5 2.8 0.094 0.098 0.110 ∆h -1 0 1 -0.039 0 0.039 ∆P -1 0 1 -0.039 0 0.039 W 17.5 18.0 19.0 0.689 0.709 0.748 W0 5.7 6 6.3 0.224 0.236 0.248 W1 8.5 9 9.75 0.335 0.354 0.384 W2 - - 0.5 - - 0.020 H - - 20 - - 0.787 H0 15.5 16 16.5 0.610 0.630 0.650 H1 - - 25 - - 0.984 DO 3.8 4.0 4.2 0.150 0.157 0.165 L1 - - 11 - - 0.433 |